PART |
Description |
Maker |
UPD78081CU-XXX UPD780054GK-XXX-BE9 UPD780054YGK-XX |
44-pin 8-bit microcomputer with on-chip UART 8-bit single-chip microcontroller Mask ROM 32K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 24K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 40K bytes, CMOS 8-bit microcomputer 78K/0 series 78K/0 series ROM-less 8-bit single-chip microcomputers 8-bit CMOS single-chip microcomputer 8-bit single-chip microcomputer 78K/0 series 100-pin g/p control 8-bit microcomputer with on-chip I2C bus 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit microcomputer w/ on-chip I2C bus I/F & A/D converter IEBus controller built-in 8-bit SC microcomputer
|
NEC
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
W25Q80BVSSIG W25Q80BVSNIG W25Q80BVUXIG W25Q80BVZPI |
8M-BIT SERIAL FLASH MEMORY WIT DUAL AND QUAD SPI
|
Winbond
|
UPD75P3116GK-8A8 UPD753012AGK-XXX-BE9 UPD753016AGK |
75XL series 4-bit single-chip microcomputer with LCD & 5 timer 4-bit single chip microcomputer
|
NEC
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
ADSP-2181BST-133 ADSP-2181KST-133 ADSP-2181BS-133 |
16-bit, 40 MIPS, 5v, 2 Serial Ports, Host Port, 80 KB RAM DSP Microcomputer 24-BIT, 16.67 MHz, OTHER DSP, PQFP128 DSP Microcomputer 24-BIT, 14.4 MHz, OTHER DSP, PQFP128
|
ANALOG DEVICES INC Analog Devices, Inc.
|
ADSP-2186LBST-133 ADSP-2186LKST-133 ADSP-2186LBST- |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection DSP Microcomputer 24-BIT, 16.67 MHz, OTHER DSP, PQFP100 DSP Microcomputer 24-BIT, 20 MHz, OTHER DSP, PQFP100
|
Analog Devices, Inc.
|
M30620MC-A18FP M30620MC-311FP M30620MC-345GP M3062 |
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 RF CONNECTOR; SMA MALE FIELD REPLACEABLE, ACCEPTS PIN SIZE: .012; EMI / RFI GASKET: YES; .500" SQ. FLANGLE 单片16位CMOS微机
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
UPD17012GF-053-3BE UPD17012GF-011-3BE UPD17012GF-0 |
4-bit single-chip microcomputer for frequency synthesizer radio OTP version 4-bit single-chip microcomputer for frequency synthe
|
NEC
|
M34250E2FP M34250M2 M34250M2-066FP M34250M2-086FP |
Single Chip 4-bit Microcomputer SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER SINGLE- CHIP 4-BIT CMOS MICROCOMPUTER From old datasheet system
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
SM5K4 |
4-Bit Single Chip Microcomputer 4-Bit Single-Chip Microcomputer(Controller with 10-Bit A/D Converter)
|
SHARP[Sharp Electrionic Components]
|